br235d miniature 25 amps ? 3pdt to mil - prf - 83536 dc suppressed coils specifications general contact arrangement .......................... 3pdt (3 form c) weight ................................ .......................... 3.0 oz approx. designed to meet the requirements of mil - prf - 83536 performance contact rating (note 1): resist ive ................................ ... 25 amps @ 28 vdc or 115/208v 400 hz (case grounded) inductive ........................ 15 amps @ 115/208v 400 hz (case grounded) 12 amps @ 28 vdc (case grounded) motor ................................ ......... 10 amps @ 28 vdc or 115/208v 400 hz (case grounded) lamp ................................ .......... 5 amps @ 28 vdc or 115/208v 400 hz (case grounded) life ....................... 50,000 operations minimum @ rated resistive load, 125 o c pull in power ................................ ............ 500 mw approx. operate/release time: dc coil 15 ms max excluding bounce time at nominal coil voltage contact bounce time ................................ ....... 1 ms max @ rated contact load, 28 vdc contact voltage drop : before life ............................. 150 mv max @ 25 amps and 6 vdc after life ................................ 175 mv max @ 25 amps and 6 vdc environmental temperature range ............................... - 70 o c to +125 o c vibration (note 2) .............................. 0.12" da 10 - 70 hz 30 g's 70 - 3,000 hz shock (operating) (not e 2) ......................... 200 g's 6 ms electrical characteristics duty cycle ................................ ........................ continuous insulation resistance ............................... 100 megohms @ 500v 25 o c dielectric strength: sea level: contact to case ................................ ... 1,250 vrms contact to coil ................................ ..... 1,250 vrms coil to case ................................ ......... 1,000 vrms across open contacts ........................ 1,250 vrm s 80,000 feet: all points ................................ ................. 350 vrms notes: 1. for other ratings consult the factory. 3. ac coil line frequency 50 to 400 hz. 2. for applications requiring higher shock and vibration, consult the factory. 14930 e. alondra blvd., la mirada, ca 90638 - 5752 (714) 994 - 6500 fax (714) 994 - 3013 w:2000 rev. 4
---------------------------------------------------------------------- relay type ------------------------------------------------- nominal coil resistance -------------------------------------- termina l style ------------------------------- mounting type ------------------- nominal coil voltage br235d - 290 c 2 - 28v br235d coil data: model br230d part number br235d - 20()() - 6v br235d - 78()() - 12v br235d - 290()( ) - 28v br235d - 890()() - 48v nominal coil voltage 6 vdc 12 vdc 28 vdc 48 vdc maximum coil voltage 8 vdc 15 vdc 29 vdc 59 vdc pull in voltage (max @ +125 o c) 4.5 vdc 9 vdc 18 vdc 36 vdc drop out voltage (max) 1.8 vdc 3.5 vdc 5.1 vdc 11 vdc maximum back emf 9 vdc 18 vdc 42 vdc 72 vdc coil resistance 10% @ 25 o c 20 ohms 78 ohms 290 ohms 890 ohms schematic terminal view terminal styles mounti ng codes general notes ? unless otherwise specified, all tests made at nominal coil voltages, @ 25 o c. ? for special coil variations, switching configurations, terminals styles and mounting types, consult the factory. ? unless otherwise specified, tolerances on decimal dimensions are .010". ? specifications contained herein are subject to change without notice. 14930 e. alondra blvd., la mirada, ca 90638 - 5752 (714) 994 - 6500 fax (714) 994 - 3013 w:2000 rev. 4
|